|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDA24N50 N-Channel MOSFET FDA24N50 N-Channel MOSFET 500V, 24A, 0.19 Features * RDS(on) = 0.16 ( Typ.)@ VGS = 10V, ID = 12A * Low gate charge ( Typ. 65nC) * Low Crss ( Typ. 35pF) * Fast switching * 100% avalanche tested * Improved dv/dt capability * RoHS compliant UniFETTM August 2008 Description These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switching mode power supplies and active power factor correction. D G GDS TO-3PN S MOSFET Maximum Ratings TC = 25oC unless otherwise noted Symbol VDSS VGSS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Drain Current Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation - Derate above 25oC (TC = 25oC) -Continuous (TC = 25oC) - Pulsed -Continuous (TC = 100oC) (Note 1) (Note 2) (Note 1) (Note 1) (Note 3) Ratings 500 30 24 14 96 1872 24 2.7 4.5 270 2.2 -55 to +150 300 Units V V A A mJ A mJ V/ns W W/oC o o Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds C C Thermal Characteristics Symbol RJC RCS RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Case to Sink Typ. Thermal Resistance, Junction to Ambient Ratings 0.46 0.24 40 o Units C/W (c)2008 Fairchild Semiconductor Corporation FDA24N50 Rev. A 1 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Package Marking and Ordering Information Device Marking FDA24N50 Device FDA24N50 Package TO-3PN Reel Size Tape Width Quantity 30 Electrical Characteristics TC = 25oC unless otherwise noted Symbol Parameter Test Conditions Min. Typ. Max. Units Off Characteristics BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 250A, VGS = 0V, TJ = 25oC ID = 250A, Referenced to 25oC VDS = 400V, TC = 125oC VGS = 30V, VDS = 0V VDS = 500V, VGS = 0V 500 0.66 1 10 100 V V/oC A nA On Characteristics VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 12A VDS = 20V, ID = 12A (Note 4) 3.0 - 0.16 28 5.0 0.19 - V S Dynamic Characteristics Ciss Coss Crss Qg(tot) Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = 400V, ID = 24A VGS = 10V VDS = 25V, VGS = 0V f = 1MHz (Note 4, 5) 3120 460 35 65 18 26 4150 615 52 85 - pF pF pF nC nC nC - Switching Characteristics td(on) tr td(off) tf Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time VDD = 250V, ID = 24A RG = 25 (Note 4, 5) - 47 108 164 86 104 226 338 182 ns ns ns ns Drain-Source Diode Characteristics IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 24A VGS = 0V, ISD = 24A dIF/dt = 100A/s (Note 4) - 540 8.1 24 96 1.4 - A A V ns C Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L = 6.5mH, IAS = 24A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 24A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics FDA24N50 Rev. A 2 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Typical Performance Characteristics Figure 1. On-Region Characteristics 60 VGS = 15.0V 10.0V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V Figure 2. Transfer Characteristics 100 ID,Drain Current[A] 10 ID,Drain Current[A] 150 C o 10 -55 C 25 C o o 1 0.5 0.1 *Notes: 1. 250s Pulse Test 2. TC = 25 C o 1 VDS,Drain-Source Voltage[V] 10 1 *Notes: 1. VDS = 20V 2. 250s Pulse Test 4 5 6 7 VGS,Gate-Source Voltage[V] 8 Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage 0.35 Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature 150 100 RDS(ON) [], Drain-Source On-Resistance IS, Reverse Drain Current [A] 0.30 0.25 VGS = 10V 150 C o 25 C o 10 0.20 VGS = 20V 0.15 *Note: TJ = 25 C o *Notes: 1. VGS = 0V 0.10 0 20 40 60 ID, Drain Current [A] 80 1 0.2 2. 250s Pulse Test 0.6 1.0 VSD, Body Diode Forward Voltage [V] 1.4 Figure 5. Capacitance Characteristics 7500 VGS, Gate-Source Voltage [V] Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd Figure 6. Gate Charge Characteristics 10 VDS = 100V VDS = 250V VDS = 400V 6000 Capacitances [pF] 8 4500 *Note: 1. VGS = 0V 2. f = 1MHz Ciss 6 3000 Coss 4 1500 Crss 2 *Note: ID = 24A 0 0.1 1 10 VDS, Drain-Source Voltage [V] 30 0 0 20 40 Qg, Total Gate Charge [nC] 60 70 FDA24N50 Rev. A 3 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Typical Performance Characteristics (Continued) Figure 7. Breakdown Voltage Variation vs. Temperature 1.2 BVDSS, [Normalized] Drain-Source Breakdown Voltage RDS(on), [Normalized] Drain-Source On-Resistance Figure 8. On-Resistance Variation vs. Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -75 *Notes: 1. VGS = 10V 2. ID = 12A 1.1 1.0 0.9 *Notes: 1. VGS = 0V 2. ID = 250A 0.8 -75 -25 25 75 125 o TJ, Junction Temperature [ C] 175 -25 25 75 125 o TJ, Junction Temperature [ C] 175 Figure 9. Maximum Safe Operating Area 200 100 100s 40s Figure 10. Maximum Drain Current vs. Case Temperature 24 ID, Drain Current [A] 1ms 10 10ms DC ID, Drain Current [A] o o 18 1 Operation in This Area is Limited by R DS(on) 12 0.1 *Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse 6 0.01 1 10 100 VDS, Drain-Source Voltage [V] 1000 0 25 50 75 100 125 o TC, Case Temperature [ C] 150 Figure 11. Transient Thermal Response Curve 1 Thermal Response [ZJC] 0.5 0.1 0.2 0.1 0.05 PDM t1 t2 o 0.01 0.02 0.01 Single pulse *Notes: 1. ZJC(t) = 0.46 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t) 0.001 -5 10 10 -4 10 10 10 Rectangular Pulse Duration [sec] -3 -2 -1 10 0 10 1 FDA24N50 Rev. A 4 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Gate Charge Test Circuit & Waveform Resistive Switching Test Circuit & Waveforms Unclamped Inductive Switching Test Circuit & Waveforms FDA24N50 Rev. A 5 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Peak Diode Recovery dv/dt Test Circuit & Waveforms DUT + V DS _ I SD L D r iv e r R G S am e T ype as DUT V DD V GS * d v / d t c o n t r o lle d b y R G * I S D c o n t r o lle d b y p u ls e p e r io d V GS ( D r iv e r ) G a t e P u ls e W id th D = -------------------------G a te P u ls e P e r io d 10V I F M , B o d y D io d e F o r w a r d C u r r e n t I SD (DUT ) IR M d i/ d t B o d y D io d e R e v e r s e C u r r e n t V DS (DUT ) B o d y D io d e R e c o v e r y d v / d t V SD V DD B o d y D io d e F o r w a r d V o lt a g e D r o p FDA24N50 Rev. A 6 www.fairchildsemi.com FDA24N50 N-Channel MOSFET Mechanical Dimensions TO-3PN Dimensions in Millimeters FDA24N50 Rev. A 7 www.fairchildsemi.com FDA24N50 N-Channel MOSFET TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM * TM (R) Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) * tm FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R) (R) tm PDP SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world, 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM (R) The Power Franchise(R) tm TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM * EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Farichild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Farichild strongly encourages customers to purchase Farichild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Farichild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Farichild is committed to committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only. Rev. I35 FDA24N50 Rev. A 8 www.fairchildsemi.com |
Price & Availability of FDA24N50 |